PART |
Description |
Maker |
FLEX10K FLEX10KA FLEXB10KA FLEXB10KE |
Embedded Programmable Logic Family
|
Altera Corporation
|
QL5030-4TQ144C QL5030-4TQ144I |
33MHz/32-bit PCI target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
EPF10K30EQC208-3 EPF10K130EFC484-1 EPF10K200E EPF1 |
Embedded Programmable Logic Device IC,FPGA,216-CELL,CMOS,QFP,208PIN,PLASTIC
|
ALTERA[Altera Corporation]
|
QL5030 QL5030_DS |
33 MHz/32-bit PCI Target with Embedded Programmable Logic
and Dual Port SRAM From old datasheet system
|
quicklogic
|
QL5432 QL5432_DS |
33 MHz/32-Bit PCI Master/Target with Embedded
Programmable Logic and Dual Port SRAM From old datasheet system
|
quicklogic
|
QL5632 QL5632_DS |
33 MHz/32-bit PCI Master/Target with Embedded Programmable Logic
and Dual Port SRAM From old datasheet system
|
quicklogic
|
EPM7032AETC44-4 EPM7064AELC44-10 EPM7064AELI44-7N |
High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX Programmable Logic Device Family Programmable Logic Device
|
Altera Corporation
|
EPM3128ATC EPM3256ATC EPM3032ATC EPM3064A EPM3128A |
Programmable Logic , 64 Macrocells, 4 Logic Array Blocks, 66 I/o Pins, 10ns Programmable Logic Device Family Programmable Logic , 128 Macrocells, 8 Logic Array Blocks, 96 I/o Pins, 10ns
|
ALTERA[Altera Corporation]
|
CY7C371I CY7C371I-110AC CY7C371I-110AI CY7C371I-11 |
FLASH PLD, 15 ns, PQFP44 UltraLogic 32-Macrocell Flash CPLD Programmable Logic : Programmable Logic Devices
|
Cypress Semiconductor Corp.
|
BC204VI BC214K BC213K BC173C BC153 BC209C BC209B B |
IC FLEX 6000 FPGA 10K 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:66; Package/Case:100-TQFP; Leaded Process Compatible:No; Number of Circuits:576 FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:4992; Peak Stratix II FPGA 180K FBGA-1020 Cyclone FPGA 6K FBGA-256 IC APEX 20KE FPGA 400K Cyclone FPGA 3K TQFP-144 晶体管|晶体管|叩| 20V的五(巴西)总裁| 100mA的一(c)|06
|
Electronic Theatre Controls, Inc.
|
M4A3-256/128-7FANI M4A3-256/128-7FANC M4-192/96-14 |
EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 EE PLD, 6 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQCC44 EE PLD, 7.5 ns, PQCC44 LEAD FREE, PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQFP48 MACH4 ISP EEPLD, SMD, TQFP100, 3.3V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:3.3V; Case style:TQFP / 100; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes EE PLD, 12 ns, PQFP100
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
M5LV-256_104-10VC M5LV-256_104-10VI M5LV-256_104-1 |
7ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 20ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 10ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 12ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 15ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device)
|
LATTICE[Lattice Semiconductor]
|